|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Wire-wound Chip Inductors - Open ctparts.com CTLQ1206NF Series From 0.15 H to 100 H Not shown at actual size. SPECIFICATIONS Please specify tolerance code when ordering. CTLQ1206NF-R15_ J = 5%, K = 10%, M = 20% * = K or M only, Part Number CTLQ1206NF-R15_* CTLQ1206NF-R22_* CTLQ1206NF-R33_* CTLQ1206NF-R47_* CTLQ1206NF-R56_* CTLQ1206NF-R68_* CTLQ1206NF-R82_* CTLQ1206NF-1R0_* CTLQ1206NF-1R2_* CTLQ1206NF-1R5_ CTLQ1206NF-1R8_ CTLQ1206NF-2R2_ CTLQ1206NF-2R7_ CTLQ1206NF-3R3_ CTLQ1206NF-3R9_ CTLQ1206NF-4R7_ CTLQ1206NF-5R6_ CTLQ1206NF-6R8_ CTLQ1206NF-8R2_ CTLQ1206NF-100_ CTLQ1206NF-120_ CTLQ1206NF-150_ CTLQ1206NF-180_ CTLQ1206NF-220_ CTLQ1206NF-270_ CTLQ1206NF-330_ CTLQ1206NF-390_ CTLQ1206NF-470_ CTLQ1206NF-560_ CTLQ1206NF-680_ CTLQ1206NF-820_ CTLQ1206NF-101_ Inductance (H) 0.15 0.22 0.33 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 L Test Freq. (MHz) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Q Fact. Min. 20 20 30 30 30 30 30 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 35 40 40 40 40 40 40 40 40 40 Q Test Freq. (MHz) 25.0 25.0 25.0 25.0 25.0 25.0 25.0 10.0 10.0 10.0 10.0 10.0 10.0 8.0 8.0 8.0 8.0 8.0 8.0 5.0 5.0 5.0 5.0 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 DCR Max. () 0.54 0.60 0.63 1.16 0.85 0.93 1.02 0.63 1.17 1.30 2.08 0.91 0.71 1.82 1.95 2.21 2.34 2.60 2.86 3.25 3.51 3.90 4.42 4.03 4.42 4.94 9.36 10.4 11.57 12.87 14.30 15.60 SRF Min. (MHz) 250 250 250 200 180 160 120 100 90 75 60 50 43 38 35 31 28 25 23 20 18 16 15 14 13 12 11 10 9.0 8.5 7.5 7.0 Allowable Current (mA) 250 240 230 215 200 190 185 175 165 155 150 140 135 130 125 120 115 110 105 100 95 90 85 85 85 80 55 55 50 50 45 45 Compliant RoHS CHARACTERISTICS Description: SMD wire-wound chip inductor. Applications: Power supplies for VTR, OA equipment, LCD televisions, PC notebooks, portable communication equipment, DC/DC converters, etc. Operating Temperature: -25C to +85C Inductance Tolerance: J = 5%, K = 10%, M = 20% Packaging: Tape & Reel Testing: Tested on a HP4285A @ specified frequency Pads: Soft copper and pre-tinned Miscellaneous: RoHS Compliant. Additional Information: Additional electrical & physical information available upon request Samples available. See website for ordering information. PHYSICAL DIMENSIONS Size mm inches A 3.20.3 0.130.01 B 1.80.2 0.070.008 C 2.30.2 D 1.60.2 E 1.60.2 0.060.008 F Min. 0.7 0.03 G Min. 0.7 0.03 0.090.008 0.060.008 C E B A D F G F 03.09.07 Technologies Manufacturer of Passive and Discrete Semiconductor Components 800-684-5322 Inside US 949-453-1811 Outside US Copyright (c) 2007 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice CENTRAL |
Price & Availability of CTLQ1206NF-3R9J |